Part Number Hot Search : 
GI7810 C2012X7R 0N1TR DG9408 35312 EXB1XXXX BLF571 0XS18D7
Product Description
Full Text Search
 

To Download SD101AWS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30078 rev. 4 - 2 1 of 3 SD101AWS - sd101cws SD101AWS - sd101cws surface mount schottky barrier diode  low forward voltage drop  guard ring construction for transient protection  negligible reverse recovery time  low capacitance  ultra-small surface mount package  case: sod-323, plastic  case material - ul flammability rating classification 94v-0  moisture sensitivity: level 1 per j-std-020a  polarity: cathode band  leads: solderable per mil-std-202, method 208  marking: see sheet 3  SD101AWS marking code: s1 or sk  sd101bws marking code: s2 or sk  sd101cws marking code: s3 or sc or sk  weight: 0.004 grams (approx.) mechanical data features maximum ratings @ t a = 25  c unless otherwise specified a b c d e g  h j characteristic symbol SD101AWS sd101bws sd101cws unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 60 50 40 v rms reverse voltage v r(rms) 42 35 28 v forward continuous current (note 1) i fm 15 ma non-repetitive peak forward surge current @ t  1.0s @ t = 10  s i fsm 50 2.0 ma a power dissipation (note 1) p d 200 mw thermal resistance, junction to ambient air (note 1) r  ja 625  c/w operating and storage temperature range t j ,t stg -65 to +125  c sod-323 dim min max a 2.30 2.70 b 1.60 1.80 c 1.20 1.40 d 1.05 typical e 0.25 0.35 g 0.20 0.40 h 0.10 0.15 j 0.05 typical  0  8  all dimensions in mm note: 1. part mounted on fr-4 pc board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
ds30078 rev. 4 - 2 2 of 3 SD101AWS - sd101cws 0.01 0.1 1.0 10 0 0.5 1.0 i , forward current (ma) f SD101AWS sd101bws sd101cws v , forward voltage (v) fi g .2t y pical forward characteristics f characteristic symbol min max unit test condition reverse breakdown voltage (note 2) SD101AWS sd101bws sd101cws v (br)r 60 50 40  v i r = 10  a i r = 10  a i r = 10  a forward voltage drop (note 2) SD101AWS sd101bws sd101cws SD101AWS sd101bws sd101cws v fm  0.41 0.40 0.39 1.00 0.95 0.90 v i f = 1.0ma i f = 1.0ma i f = 1.0ma i f = 15ma i f = 15ma i f = 15ma peak reverse current (note 2) SD101AWS sd101bws sd101cws i rm  200 na v r = 50v v r = 40v v r = 30v total capacitance SD101AWS sd101bws sd101cws c t  2.0 2.1 2.2 pf v r = 0v, f = 1.0mhz reverse recovery time t rr  1.0 ns i f = i r = 5.0ma, i rr = 0.1 x i r ,r l = 100  0 100 0 25 50 75 100 125 150 p , power dissip ation (mw) d t , ambient temperature ( c) fi g . 1 power deratin g curve a  200 300 notes: 1. part mounted on fr-4 pc board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. short duration test pulse used to minimize self-heating effect. electrical characteristics @ t a = 25  c unless otherwise specified
ds30078 rev. 4 - 2 3 of 3 SD101AWS - sd101cws xx xx = product type marking code (see page 1) marking information notes: 3. for packaging details, go to our website at: http://www.diodes.com/datasheets/ap02007.pdf. device packaging shipping SD101AWS-7 sod-323 3000/tape & reel sd101bws-7 sod-323 3000/tape & reel sd101cws-7 sod-323 3000/tape & reel ordering information (note 3) 0 1 2 01020304050 c , total capacitance (pf) t v , reverse voltage (v) r fi g . 3 total capacitance vs reverse volta g e f = 1mhz SD101AWS sd101cws sd101bws


▲Up To Search▲   

 
Price & Availability of SD101AWS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X